Part Number Hot Search : 
2B1210 AMP01EX 67AXI RVT200 48S15 25201 TA79L010 M62462FP
Product Description
Full Text Search
 

To Download 4N50L-TA3-T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  unisonic technologies co., ltd 4n50 preliminary power mosfet www.unisonic.com.tw 1 of 6 copyright ? 2011 unisonic technologies co., ltd qw-r502-525.c 4a, 500v n-channel power mosfet ? description the utc 4n50 is an n-channel mode power mosfet using utc?s advanced technology to provide customers with planar stripe and dmos technology. this technology allows a minimum on-state resistance and superior switching per formance. it also can withstand high energy pulse in the avalanche and commutation mode. the utc 4n50 is generally applied in high efficiency switch mode power supplies, active power factor correction and electronic lamp ballasts based on half bridge topology. ? features * r ds(on) =2.2 ? @ v gs =10v * high switching speed * 100% avalanche tested ? symbol 1.gate 3.source 2.drain to-220 1 1 to-220f to-252 1 ? ordering information ordering number pin assignment lead free halogen free package 1 2 3 packing 4N50L-TA3-T 4n50g-ta3-t to-220 g d s tube 4n50l-tf3-t 4n50g-tf3-t to-220f g d s tube 4n50l-tn3-r 4n50g-tn3-r to-252 g d s tape reel note: pin assignment: g: gate d: drain s: source
4n50 preliminary power mosfet unisonic technologies co., ltd 2 of 6 www.unisonic.com.tw qw-r502-525.c ? absolute maximum ratings (t c =25c, unless otherwise specified) parameter symbol ratings unit drain-source voltage v dss 500 v gate-source voltage v gss 30 v continuous (t c =25c) i d 4 a drain current pulsed (note 3) i dm 16 (note 2) a avalanche current (note 3) i ar 4 a single pulsed (note 4) e as 216 mj avalanche energy repetitive (note 3) e ar 8.5 mj peak diode recovery dv/dt (note 5) dv/dt 4.5 v/ns to-220 85 to-220f 28 power dissipation to-252 52 w to-220 0.67 to-220f 0.22 derate above 25c to-252 p d 0.41 w/c junction temperature t j +150 c storage temperature t stg -55~+150 c notes: 1. absolute maximum ratings are those values beyond which the device could be permanently damaged. absolute maximum ratings are stress ratings only and functional device oper ation is not implied. 2. drain current limited by maximum junction temperature 3. repetitive rating: pulse width lim ited by maximum junction temperature 4. l = 27mh, i as = 4a, v dd = 50v, r g = 25 ? , starting t j = 25c 5. i sd 4a, di/dt 200a/s, v dd bv dss , starting t j = 25c ? thermal data parameter symbol ratings unit to-220 62.5 to-220f 62.5 junction to ambient to-252 ja 110 c/w to-220 1.47 to-220f 4.5 junction to case to-252 jc 2.4 c/w
4n50 preliminary power mosfet unisonic technologies co., ltd 3 of 6 www.unisonic.com.tw qw-r502-525.c ? electrical characteristics (t c =25c, unless otherwise noted) parameter symbol test conditions min typ max unit off characteristics drain-source breakdown voltage bv dss i d =250a, v gs =0v 500 v drain-source leakage current i dss v ds =500v, v gs =0v 25 a forward v gs =+30v, v ds =0v +100 na gate- source leakage current reverse i gss v gs =-30v, v ds =0v -100 na on characteristics gate threshold voltage v gs(th) v ds =v gs , i d =250a 2.0 4.0 v static drain-source on-state resistance r ds(on) v gs =10v, i d =2a 1.6 2.2 ? dynamic parameters input capacitance c iss 485 650 pf output capacitance c oss 65 90 pf reverse transfer capacitance c rss v gs =0v, v ds =25v, f=1.0mhz 5 8 pf switching parameters total gate charge q g 11 15 nc gate to source charge q gs 3 nc gate to drain charge q gd v gs =10v, v ds =400v, i d =4a (note 1, 2) 5 nc turn-on delay time t d(on) 14 38 ns rise time t r 21 52 ns turn-off delay time t d(off) 27 64 ns fall-time t f v dd =250v, i d =4a, r g =25 ? (note 1, 2) 20 50 ns source- drain diode ratings and characteristics maximum body-diode continuous current i s 4 a maximum body-diode pulsed current i sm 16 a drain-source diode forward voltage v sd i s =4a, v gs =0v 1.6 v body diode reverse recovery time t rr 36 ns body diode reverse recovery charge q rr i s =4a, v gs =0v, di f /dt=100a/s (note 1) 33 c notes: 1. pulse test: pulse width 300s, duty cycle 2% 2. essentially independent of operating temperature
4n50 preliminary power mosfet unisonic technologies co., ltd 4 of 6 www.unisonic.com.tw qw-r502-525.c ? test circuits and waveforms v ds 90% 10% v gs t d(on) t r t d(off) t f switching test circuit switching waveforms 10v charge q gs q gd q g v gs gate charge test circuit gate charge waveform v dd t p time bv dss i as i d(t) v ds(t) unclamped inductive switching test circuit unclamped inductive switching waveforms
4n50 preliminary power mosfet unisonic technologies co., ltd 5 of 6 www.unisonic.com.tw qw-r502-525.c ? test circuits and waveforms(cont.) same type as d.u.t. l v dd driver v gs r g - v ds d.u.t. + * dv/dt controlled by r g * i sd controlled by pulse period * d.u.t.-device under test - + peak diode recovery dv/dt test circuit p. w. period d= v gs (driver) i sd (d.u.t.) i fm , body diode forward current di/dt i rm body diode reverse current body diode recovery dv/dt body diode forward voltage drop v dd 10v v ds (d.u.t.) v gs = p.w. period peak diode recovery dv/dt waveforms
4n50 preliminary power mosfet unisonic technologies co., ltd 6 of 6 www.unisonic.com.tw qw-r502-525.c utc assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all utc products described or contained herein. utc products are not designed for use in life support appliances, devices or systems where malfunction of these products can be reasonably expected to result in personal injury. reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. the information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice.


▲Up To Search▲   

 
Price & Availability of 4N50L-TA3-T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X